PART |
Description |
Maker |
MPSA62 MPSA64 MPSA63 ON2343 |
Darlington Transistor 500 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA From old datasheet system For Specifications, See MPSA05, MPSA06 Data Darlington Transistors(PNP Silicon)
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
CXTA62 |
SMD Small Signal Transistor PNP Darlington SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
|
Central Semiconductor Corp
|
ZTX712 |
PNP Darlington Transistor PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
|
Zetex Semiconductors
|
2SB1418/2SB1418A 2SB1418AQ 2SB1418P |
2SB1418. 2SB1418A - PNP Transistor Darlington TRANSISTOR | BJT | DARLINGTON | PNP | 80V V(BR)CEO | 2A I(C) | TO-221VAR 晶体管|晶体管|达林顿|进步党| 80V的五(巴西)总裁|甲一(c)|21VAR TRANSISTOR | BJT | DARLINGTON | PNP | 60V V(BR)CEO | 2A I(C) | TO-221VAR 晶体管|晶体管|达林顿|进步党| 60V的五(巴西)总裁|甲一(c)|21VAR
|
Atmel, Corp. Amphenol, Corp.
|
SDH03 |
PNP NPN Darlington H-bridge PNP NPN Darlington Transistors (H-bridge)(PNP NPN达林顿晶体管(H桥)) 1.5 A, 100 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd.
|
FJPF9020 FJPF9020TU |
Monolithic Construction With Built In Base-Emitter Shunt Resistors PNP Epitaxial Darlington Transistor NPN Epitaxial Darlington Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
MPSA12DA MPSA12DB MPSA12DC MPSA42DB MPSA42DC MPSA4 |
TRANSISTOR | BJT | PNP | 150V V(BR)CEO | CHIP 晶体管|晶体管|进步党| 150伏五(巴西)总裁|芯片 TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | CHIP 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|芯片 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | CHIP 晶体管|晶体管| npn型| 140伏特五(巴西)总裁|芯片 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | CHIP TRANSISTOR | BJT | DARLINGTON | NPN | 30V V(BR)CEO | CHIP TRANSISTOR | BJT | NPN | 300V V(BR)CEO | CHIP TRANSISTOR|BJT|DARLINGTON|NPN|CHIP
TRANSISTOR|BJT|DARLINGTON|NPN|30VV(BR)CEO|CHIP
|
Zetex Semiconductor PLC Central Semiconductor, Corp. Cypress Semiconductor, Corp.
|
2SB1225 |
PNP Epitaxial Planar Silicon Darlington Transistor Driver Applications PNP/NPN Epitaxial Planar Silicon Darlington Transistor
|
Sanyo
|
2N6286 2N6287 JANTXV2N6286 JANTXV2N6287 JANTX JANT |
PNP DARLINGTON POWER SILICON TRANSISTOR PNP Darlington Transistor
|
MICROSEMI[Microsemi Corporation]
|
BDX34 BDX34B BDX34C BDX34A |
Transistor de puissance PNP darlington PNP SILICON POWER DARLINGTONS
|
Power Innovations Ltd
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|